Part Number Hot Search : 
2SD1227M MBI10 2SC2932 4665000 TA0449A IRG7PH 1N2432 D1246
Product Description
Full Text Search
 

To Download CHB75-DUAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
S
E
R
I
E
S
75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
OUTPUT SPECIFICATIONS:
Voltage Accuracy : ..................................................................... 2% max. Transient Response :25% Step Load Change ..........................<500 sec. External Trim Adj. Range, Each Output ..............................................5% Ripple & Noise, 20MHz BW6 3.3 & 5V & 2.5V .............. 40mV RMS., max. 100mV pk-pk, max.. Temperature Coefficient............................................................ 0.03%/C Short Circuit Protection..............................................................Continuous Line Regulation1 ..........................................................................0.2% max. Load Regulation2 .......................................................................0.5% max. Over Voltage Protection trip Range, % Vo nom........................115-140% Current Limit3 ..............................................110% ~140% Nominal Output
(R)
US
NOTE:
1. 2. 3. 4. Measured From High Line to Low Line. Measured From Full Load to Min. Load. Measured with Output Current on Output1 (Vo1) Logic Compatibility ............... Open Collector Ref. to -Input Module ON ............. Open Circuit Module OFF ............... < 0.8Vdc 5. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF. 6. The Output Noise is Measured with 10 F Tantalum and 1F Ceramic Capacitor across output.
E176177
Features
* * * * 75W Isolated Output Efficiency to 84% 400KHz Switching Frequency 2 : 1 Input Range * * * * Regulated Outputs Continuous Short Circuit Protection Industry Standard Half-Brick Package Total Power 75W With 15A Maxinum Per Channel
CASE HB
All Dimensions In Inches(mm) Tolerances Inches Millimeters .XX.02 .X.5 .XXX.010 .XX.25 Pin 0.02 0.5
* Safety meet UL 1950
MODEL NUMBER CHB75-24D05-3V3 INPU VOLTAGE 18-36Vdc OUTPUT VOLTAGE Vo1=5V Vo2=3.3V Vo1=5V Vo2=2.5V Vo1=5V Vo2=3.3V Vo1=5V Vo2=2.5V OUTPUT CURRENT INPUT CURRENT MIN. MAX. NO LOAD FULL LOAD 0A 0A 0A 0A 0A 0A 0A 0A 15A 15A 15A 15A 15A 15A 15A 15A 50 mA 3765 mA %EFF CASE
Mounting Inserts M3*0.5 Through 4pl.
BOTTOM VIEW
5 6 7 8 9 10 O0.040 (1.02) 10pl. 0.400 1.000 (10.16) (25.40) 2.00 (50.80)
0.18 min. (4.60)
PIN CONNECTION
4 1.400 (35.56) 2.40 (61.0) 3
Pin 1. 2. 3. 4. 5. 6. 7. 8. 9. 10.
0.520.2 (13.20.5) SIDE VIEW
Function +Vin ON/OFF CASE -Vin +Vo2 -Vo2 Vo2 Trim +Vo1 -Vo1 Vo1 Trim
0.600 (15.24) 2 1
83% (2)
HB
1.600 (40.64)
CHB75-24D05-2V5
18-36Vdc
50 mA
3765 mA
83% (2)
HB
1.90 (48.26)
www..com
CHB75-48D05-2V5
CHB75-48D05-3V3
36-75Vdc
30 mA
1860 mA
84% (2)
HB
2.28 (57.90)
36-75Vdc
30 mA
1860 mA
84% (2)
HB
NOTE : 1. Nominal Input Voltage: 24 & 48 VDC 2. Measured with 15A load on Vo1
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
101
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
102
CHB75
CHB75-DUAL
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range........................................................ 24V............18-36V 48V............36-75V Undervoltage lockout ................................. 24Vin power up .............. 17V 24Vin power down ........... 15.5V 48Vin power up .............. 34V 48Vin power down ........... 32.5V Positive Logic Remote ON/OFF 4, 5 Input Filter ......................................................................................... PI Type
GENERAL SPECIFICATIONS:
Efficiency...................................................................................See Table Isolation Voltage ...........................Input/Output............1500VDC min. Input/Case...............1500VDC min. Output/Case............1500VDC min. Isolation Resistance ...........................................................107 ohm min. Switching Frequency ..........................................................400KHz, Typ. Operating case Temperature ......................................-40C to 100C Storage Temperature ..................................................-55C to +105C Thermal Shutdown, Case Temp............................................100C Typ. Dimensions ...........................................................2.28x2.40x0.50 inches (57.9x61.0x12.7 mm) Case Material ....................... Aluminum Baseplate with Plastic Case Weight............................................................................................... 108g


▲Up To Search▲   

 
Price & Availability of CHB75-DUAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X